Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download DF005S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin U2788 rev. G 04/03
DF SERIES
1A Single Phase D.I.L. Rectifier Bridge
Features
* Glass passivated chips * Leads on standard 0.1" grid * Suitable for automatic insertion * High surge current capability * Fully characterised data * Wide temperature range * Surface mount option * Lead free terminals solderable as per MIL-STD-750 Method 2026 * High temperature soldering guaranteed 260C/8-10 secs * Polarity symbols marked on the case * UL E160375 approved Description The DF Series of Single Phase Rectifier Bridges consists of four silicon junctions encapsulated in a 4 pin D.I.L. package. These devices are intended for general use in industrial and consumer equipment.
+
~ ~
IO(av)
IO(av) = 1.0 A VRRM range 50 to 1000V
-
Electrical Specification
DF...
IO IFSM Maximum DC output current Maximum peak one cycle, non-repetitive surge current I2t Maximum I2t capability for fusing 4.5 4.1 6.4 5.8 I2t VFM IRM f VRRM Maximum I2t capability for fusing Maximum peak forward voltage per diode Typical peak reverse leakage per diode Operating frequency range Maximum repetitive peak reverse voltage range 50 to 1000 V 5 100 50 to 1000 A A Hz TJ = 25oC, 100% VRRM TJ = 150oC, 100% VRRM 1.0 V IFM = 1.0A, TJ = 25oC 64 A2s A2s A2s A2s A2s t = 10ms t = 8.3ms t = 10ms t = 8.3ms 1.0 0.8 30 31
Units Conditions
A A A A Tamb = 40oC, Resistive or inductive load Tamb = 40oC, Capacitive load t = 10ms, 20ms t = 8.3ms, 16.7ms Following any rated load condition and with rated VRRM reapplied Initial TJ = TJ max 100% VRRM reapplied Initial TJ = TJ max no voltage reapplied
t = 0.1 to 10ms, no voltage reapplied
Thermal and Mechanical Specifications
DF...
TJ Tstg RthJA W Operating and storage temperature range Thermal resistance, junctions to ambient Approximate weight 0.6 (0.02) g (oz) 60 K/W - 55 to 150
Units
o
Conditions
C
www.irf.com
1
DF SERIES
Bulletin U2788 rev. G 04/03
Voltage Specifications
Part Number VRRM. Maximum repetitive peak reverse voltage V
50 100 200 400 600 800 1000
VRSM. Maximum nonrepetitive peak reverse voltage V
80 150 300 500 700 900 1100
DF005M/DF005S DF01M/DF01S DF02M/DF02S DF04M/DF04S DF06M/DF06S DF08M/DF08S DF10M/DF10S
100
Instantaneous Forward Current (A) Maximum Total Power Loss (W)
DF... Per Junction
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.2 0.4 0.6 0.8 1.0
= 180 DF...
10
Tj = 150C
1
Tj = 25C
0.1 0 0.4 0.8 1.2 1.6 2.0 Instantaneous Forward Voltage (V)
Fig. 1 - Forward Characteristics
1.1
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
Average Output Current (A)
Fig. 2 - Power Loss Characteristics
Maximum Peak Surge Current (A)
1.0
DF...
Average Output Current (A)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160 Maximum Allowable Ambient Temperature (C) Fig. 3 - Current Ratings Capacitive Load
Resistive Load
DF... 50Hz
10
-2
10 1 Pulse Train Duration (s)
-1
10
Fig. 4 - Non-Repetititive Surge Ratings
2
www.irf.com
DF SERIES
Bulletin U2788 rev. G 04/03
DF..M
9a
6.40(0.252) 6.10(0.240)
DF..S
+
9b
8.13(0.320) 7.11(0.280) 8.38(0.330) 7.62(0.300) 6.40(0.252) 6.10(0.240)
+
10.4 (0.409) Max.
8.40(0.331) 8.10(0.319)
8.40(0.331) 8.10(0.319)
3.30(0.130) 3.10(0.122)
5.10(0.201) Max. 2.80(0.110) 1.60(0.063)
3.30(0.130) 3.10(0.122)
0.30(0.012) Max.
1.2(0.047) 1.0(0.040) 0.51(0.020) 0.41(0.016) 1.40(0.055) 1.14(0.045)
1.2(0.047) 1.0(0.040)
1.40(0.055) 5.33(0.210) 4.83(0.210) 1.14(0.045) 5.33(0.210) 4.83(0.210)
Tape Reel
Tape Reel Dimensions for DF15...TRR16
0.35(0.014) 0.25(0.010)
2.1(0.083) 1.9(0.075) 1.60(0.063) 1.50(0.060)
dia.
4.10(0.161) 3.90(0.154)
7.6(0.299) 7.4(0.291) 10.70(0.421) 16.3(0.642) 15.7(0.618) 12.10(0.476) 11.90(0.469) 3.8(0.150) 8.7(0.343) 5o
Tape Colour - Black
Footprint and Pad Dimensions
2.00(0.079) 1.5(0.059) 3.5(0.138) 1.5(0.059)
3.50(0.138) 330(12.99)
2.0(0.079)
8.0(0.315)
16.0(0.630)
2.0(0.079) Unreel Direction Identification Label
All dimensions in millimetres(inches)
www.irf.com
3
DF SERIES
Bulletin U2788 rev. G 04/03
Ordering Information Table
Device Code
DF
1
10
2
S
3
1 2 3
-
Basic Part Number Voltage Code: Code x 100 = VRRM Terminal Type: M S = hole mount = surface mount
To specify tape reel option add ' TRR16' suffix. e.g. DF10STRR16
Data and specifications subject to change without notice. This product has been designed and qualified for Multiple Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/03
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of DF005S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X